Part Number Hot Search : 
STK1625F REF01CP M326TAN C3198 DTC143ET 1936X234 C143Z Z5225
Product Description
Full Text Search
 

To Download BYV32-100M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dual fast recovery rectifier diode semelab limited reserves the right to change test c onditions, parameter limits and package dimensions without notice. information furnished by semelab is believed to be both accurate and reliable at the time of going to press. however semelab assumes no responsibility for any errors or omissions discovered in its use. semelab encourage s customers to verify that datasheets are current before placing a n order. semelab limited semelab limited semelab limited semelab limited coventry road, lutterworth, leicestershire, le17 4 jb document number 7099 telephone +44 (0) 1455 556565 fax +44 (0) 1455 552612 issue 4 email: sales@semelab-tt.com website: http://www.semelab-tt.com page 1 of 2 very low reverse recovery time ? t rr <35ns. voltage range 50v to 200v. hermetic to220 (to-257ab) isolated metal package. ideally suited for switching power supplies, invert ers and as free wheeling diodes. space level and high-reliability screening options av ailable absolute maximum ratings (perdiode, t c = 25c unless otherwise stated) 50m 50m50m 50m 100m 100m 100m 100m 150m 150m 150m 150m 200m 200m 200m 200m v rrm repetitive peak reverse voltage 50v 100v 150v 200v v rwm working peak reverse voltage 50v 100v 150v 200v v r continuous reverse voltage 50v 100v 150v 200v i frm repetitive peak forward current (t p = 10s) 200a i f(av) (1) average forward current (t c = 70c) 20a i fsm surge peak forward current (t p = 8.3ms half-sine) 80a t stg storagetemperature range -65 to +200c t j maximum operating junction temperature +200c electrical characteristics (per diode, t c = 25c unless otherwise stated) symbol parameter test conditions min typ max units i f = 8a 1.1 i f = 20a t c = 25c 1.5 v f (2) forward voltage drop i f = 5a t c = 100c 0.95 v v r = v rwm 30 i r reverse leakage current t c = 100c 600 a i f = 1.0a di/dt = 50a/s 35 i f = 0.5a i r = 1.0a t rr reverse recovery time i rec = 0.25a 25 ns notes notes notes notes (1) switching operation, duty cycle = 50%, both diodes conducting. (2) pulse width < 300s, duty cycle < 2% thermal properties symbol parameter max units r jc thermal resistance junction to case (per diode) 4. 3 c/w byv32 - 50m byv32 - 100m byv32-150m byv32-200m
dual fast recovery rectifier diode byv32-m series semelab limited semelab limited semelab limited semelab limited coventry road, lutterworth, leicestershire, le17 4 jb document number 7099 telephone +44 (0) 1455 556565 fax +44 (0) 1455 552612 issue 4 email: sales@semelab-tt.com website: http://www.semelab-tt.com page 2 of 2 mechanical data dimensions in mm (inches) 0.64 (0.025) 0.89 (0.035) 10.92 (0.430) 10.41 (0.410) 4.83 (0.190) 5.33 (0.210) 10.41 (0.410) 10.92 (0.430) 0.89 (0.035) 1.27 (0.050) 3.05 (0.120) bsc 2.54 (0.100) bsc 12.70 (0.500) 14.73 (0.750) dia. 1 2 3 13.21 (0.52) 13.72 (0.54) 13.21 (0.52) 13.72 (0.54) 3.56 (0.140) 3.81 (0.150) dia to220m (to-257ab) variant pin 1 pin 2 pin3 byv32-xxxm anode 1 cathode anode 2 byv32-xxxam cathode 1 anode cathode 2 byv32-xxxrm cathode 1 centre tap anode


▲Up To Search▲   

 
Price & Availability of BYV32-100M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X